Part Number Hot Search : 
05D12 08226 0102A 17818 20005 SP8042 OV7620 10B60KD1
Product Description
Full Text Search
 

To Download 2SC4617-Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sc4617 -q npn general purpose transistors features ? complement to 2sa1774 -q/r/s maximum ratings @ 25 o c unless otherwise specified symbol rating rating unit v ceo collector-emitter voltage 50 v v cbo collector-base voltage 50 v v ebo emitter-base voltage 5 v i c collector current-continuous 150 ma p c collector dissipation 150 mw t j operating junction temperature -55 to +150  t stg storage temperature -55 to +150  electrical characteristics @ 25 o c unless otherwise specified symbol parameter min typ max units v (br)ceo collector-emitter breakdown voltage (i c =1madc, i b =0) 50 --- --- vdc v (br)cbo collector-base breakdown voltage (i c =50uadc, i e =0) 50 --- --- vdc v (br)ebo collector-emitter breakdown voltage (i e =50uadc, i c =0) 5 --- --- vdc i cbo collector cutoff current (v c b =30vdc, i e =0vdc) --- --- 0.5  adc i ebo emitter cutoff current ( v eb =4vdc, i c =0vdc) --- --- 0.5  adc h fe dc current gain (i c =1madc, v ce =6vdc) 120 --- 560 --- v ce(sat) collector-emitter saturation voltage (i c =50madc, i b =5madc) --- --- 0.4 vdc f t transition frequency (v ce =12vdc, i c =2madc, f=100mhz) --- 180 --- mhz c ob output capacitance (v cb =12vdc, f=1.0mhz, i e =0) --- 2.0 3.5 pf classification of h fe rank q r s range 120-270 180-390 270-560 marking bq br bs sot-523 inches mm dim min max min max note a .059 .067 1.50 1.70 b .030 .033 0.75 0.85 c .057 .069 1.45 1.75 d .020 nominal 0.50nominal e .035 .043 0.90 1.10 g .000 .004 .000 .100 h .028 .031 .70 0.80 j .004 .008 .100 .200 k .010 .014 .25 .35 a c b d e g h j k  
 omp onents 20736 marilla street chatsworth       
     m cc revision: c 201 4 /0 3 /0 7 tm micro commercial components e b c w w w. m c c se m i .c om 1 of 3 2sc4617-r 2sc4617-s lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 dimensions h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
revision: c 201 4 /0 3 /0 7 m cc 2sc4617 tm micro commercial components w w w. m c c se m i .c om 2 of 3 0.0 0.2 0.4 0.6 0.8 1.0 0.1 1 10 100 0 25 50 75 100 125 150 0 50 100 150 200 0.1 1 10 100 10 100 1000 0.1 1 10 100 1 10 100 0 4 8 12 16 20 24 0 40 80 120 160 200 0.1 1 10 100 10 100 1000 i c v be t a =100 t a =25 30 3 0.3 v ce =6v collcetor current i c (ma) base-emmiter voltage v be (v) p c t a collector power dissipation p c (mw) ambient temperature t a ( ) 30 200 t a =25 t a =100 common emitter v ce =6v 300 30 3 0.3 h fe i c collector curremt i c (ma) dc current gain h fe f=1mhz i e =0 / i c =0 t a =25 o c 30 3 0.3 c ob c ib 30 3 c ob /c ib v cb /v eb capacitance c (pf) reverse voltage v (v) 0.7ma 0.6ma 0.5ma 0.4ma common emitter t a =25 i c v ce 1/0.9/0.8ma 0.3ma 0.2ma i b =0.1ma collector current i c (ma) collector-emitter voltage v ce (v) 30 200 300 30 3 0.3 v cesat i c t a =25 t a =100 common emitter i c /i b =10 collector-emitter saturation voltage v cesat (mv) collector current i c (ma) downloaded from: http:///
m cc revision: c 201 4 /0 3 /0 7 tm micro commercial components w w w. m c c se m i .c om 3 of 3 3 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- t p ta p e &re e l; 3 kp cs / re e l note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2SC4617-Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X